Part Number Hot Search : 
5S21A LPT41 20H1I R1003 SMAJ110A M78L0 SSF2334 0848C
Product Description
Full Text Search
 

To Download RLD30P110U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE (R) RESETTABLE FUSES
RLD30
Radial Leaded, 30 V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A cULus Recognition TUV
Specifications
Packaging
A* G F* * preferred type bulk tape and reel tape and ammo
Approvals
Features
Dimensions (mm)
This 30 V product line can be used in almost anywhere there is a low voltage power supply (<30 V dc) and a load to be protected including * General electronics * Computer and Peripherals * Automotive Electronics
Insulating Material:Yellow Epoxy Polymer, UL 94 V-0 Round Pins: Copper alloy, tin plated Max. Device Surface Temperature in Tripped State 125 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85 % R.H., 1000 hours, 5 % typical resistance change Soldering Characteristics Solderability per MIL-STD-202, Method 208E Thermal Shock MIL-STD-202F, Method 107G +125 C to -40 C 10 times, 10 % typical resistance change Solvent Resistance MIL-STD-202, Method 215F, no change Marking "P", voltage, amperage rating, lot number
Materials
Dimensions (mm) Model A Max
RLD30P090U RLD30P110U RLD30P135U RLD30P160U RLD30P185U RLD30P250U RLD30P300U RLD30P400U RLD30P500U RLD30P600U RLD30P700U RLD30P800U RLD30P900U 7.4 7.4 8.9 8.9 10.2 11.4 11.4 14.0 14.0 16.5 19.1 21.6 24.1
B Max
12.2 14.2 13.5 15.2 15.7 18.3 17.3 20.1 24.9 24.9 26.7 29.2 29.7
C typ
5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 10.2 10.2 10.2 10.2 10.2
D Min
7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6
E Max
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
Physical Characteristics Lead Material
0.51 dia. 0.51 dia. 0.51 dia. 0.51 dia. 0.51 dia. 0.51 dia. 0.81 dia. 0.81 dia. 0.81 dia. 0.81 dia. 0.81 dia. 0.81 dia. 0.81 dia. Sn/CuFe Sn/CuFe Sn/CuFe Sn/CuFe Sn/CuFe Sn/CuFe Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu
packaging quantity bag ammo
500 500 500 500 500 500 500 100 100 100 100 100 100 2,000 2,000 2,000 2,000 2,000 2,000 2,000 1,000 1,000 1,000 1,000 1,000 1,000
Permissible continuous operating current is 100% at ambient temperature of 20C (68F). Model
cURus * * * * * * * * * * * * *
RLD30P090U RLD30P110U RLD30P135U RLD30P160U RLD30P185U RLD30P250U RLD30P300U RLD30P400U RLD30P500U RLD30P600U RLD30P700U RLD30P800U RLD30P900U
NOTE: I hold = I trip = Vmax = I max =
0.90 1.10 1.35 1.60 1.85 2.50 3.00 4.00 5.00 6.00 7.00 8.00 9.00
1.80 2.20 2.70 3.20 3.70 5.00 6.00 8.00 10.00 12.00 14.00 16.00 18.00
30 30 30 30 30 30 30 30 30 30 30 30 30
40 40 40 40 40 40 40 40 40 40 40 40 40
5.90 @ 4.50 6.60 @ 5.50 7.30 @ 6.75 8.00 @ 8.00 8.70 @ 9.25 10.30 @ 12.50 10.80 @ 15.00 12.70 @ 20.00 14.50 @ 25.00 16.00 @ 30.00 17.50 @ 35.00 18.80 @ 40.00 20.00 @ 40.00
0.6 0.7 0.8 0.9 1.0 1.2 2.0 2.5 3.0 3.5 3.8 4.0 4.2
0.070 0.050 0.040 0.030 0.030 0.020 0.020 0.010 0.010 0.005 0.005 0.005 0.005
0.220 0.170 0.130 0.110 0.090 0.070 0.080 0.050 0.050 0.040 0.030 0.020 0.020
Hold current: maximum current device will pass without tripping in 20 C still air. Trip current: minimum current at which the device will trip in 20 C still air. Maximum voltage device can withstand without damage at rated current (I max) Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pd = Power dissipated from device when in the tripped state at 20 C still air. Minimum resistance of device in initial (un-soldered) state. R min= R 1max= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
Qty.
OrderNumber
Model
* Packaging
* optional "F" for lead free devices
040706
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
TUV * * * * * * * * * * * * *
Ihold (A)
ITrip (A)
Vmax. dc (V)
Imax. (A)
max. time to trip (sec. @ A)
Pd max. (W)
Resistance R min.( ) RI max.( )
Approvals
POLYFUSE(R) RESETTABLE FUSES
RLD30
ABC DE F G H I JK LM A: RLD30P090U B: RLD30P110U C: RLD30P135U D: RLD30P160U E: RLD30P185U F: RLD30P250U G: RLD30P300U H: RLD30P400U I: RLD30P500U J: RLD30P600U K: RLD30P700U L: RLD30P800U M: RLD30P900U
Time to Trip (sec.)
Fault Current (Amp.)
Thermal Derating Chart
Model RLD30P090U RLD30P110U RLD30P135U RLD30P160U RLD30P185U RLD30P250U RLD30P300U RLD30P400U RLD30P500U RLD30P600U RLD30P700U RLD30P800U RLD30P900U Ambient Operation Temperature - Ihold (A) -40 C 1.31 1.60 1.96 2.32 2.68 3.63 4.35 5.80 7.25 8.70 10.15 11.60 13.05 -20 C 1.17 1.43 1.76 2.08 2.41 3.25 3.90 5.20 6.50 7.80 9.10 10.40 11.70 0 C 1.04 1.27 1.55 1.84 2.13 2.88 3.45 4.60 5.75 6.90 8.05 9.20 10.35 23 C 0.90 1.10 1.35 1.60 1.85 2.50 3.00 4.00 5.00 6.00 7.00 8.00 9.00 40 C 0.75 0.91 1.12 1.33 1.54 2.08 2.49 3.32 4.15 4.98 5.81 6.64 7.47 50 C 0.69 0.85 1.04 1.23 1.42 1.93 2.31 3.08 3.85 4.62 5.39 6.16 6.93 60 C 0.61 0.75 0.92 1.09 1.26 1.70 2.04 2.72 3.40 4.08 4.76 5.44 6.12 70 C 0.55 0.67 0.82 0.98 1.13 1.53 1.83 2.44 3.05 3.66 4.27 4.88 5.49 85 C 0.47 0.57 0.70 0.83 0.96 1.30 1.56 2.08 2.60 3.12 3.64 4.16 4.68
040706
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of RLD30P110U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X